Part Number Hot Search : 
STK73410 BSS60A AOK40N30 06780 INTEGRA PST3137 4VHCT1 2903N
Product Description
Full Text Search
 

To Download B82625-B2602-M1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jump to preceding page
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
Harmonic chokes Rated voltage 250 Vac / 350 Vdc Rated current 1 A to 10 A Rated inductance 0,18 to 40 mH Construction
s s s s s
B82615 ... B82627
Ring core choke with iron powder core Two sizes (B8265 and B8267) Single and double chokes in each size Plastic case Complete resin potting
Features
s Case and potting flame-retardant as per UL 94 V-0 s High attenuation of differential-mode interference
at low frequencies Applications
s Reduction of harmonics, e.g. in
- washing machines - TV sets, PCs - household appliances Terminals
s B82615 and B82625:
Pins fitting standard PCB grid
s B82617 and B82627:
lead wires brought out of case, approx. 20 mm of wire ends tinned Marking Ordering code, rated inductance, rated current, dc resistance, manufacturer, date of manufacture
320 04/00
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
Harmonic single choke Dimensional drawing
Bottom view
B82615
General technical data Inductance tolerance Rated current IR DC resistance Rtyp Climatic category Weight For further technical data see page 315 20 % Referred to 50 Hz und + 40 C ambient temperature Typical value, measured at + 20 C ambient temperature In accordance with IEC 60068-1 40/125/56 (- 40 C/+ 125 C/56 days damp heat test) Approx. 110 g
Characteristics and ordering codes
IR A
1 2 3 4 5 6
LR mH
20 5,0 2,5 1,5 1,0 0,7
Rtyp
3,0 0,90 0,40 0,22 0,15 0,10
Ordering code B82615-B2102-M1 B82615-B2202-M1 B82615-B2302-M1 B82615-B2402-M1 B82615-B2502-M1 B82615-B2602-M1
321 04/00
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
Harmonic single choke Dimensional drawing
B82617
tinned
General technical data Inductance tolerance Rated current IR DC resistance Rtyp Climatic category Weight For further technical data see page 315 20 % Referred to 50 Hz and + 40 C ambient temperature Typical value, measured at + 20 C ambient temperature In accordance with IEC 60068-1 40/125/56 (- 40 C/+ 125 C/56 days damp heat test) Approx. 380 g
Characteristics and ordering codes
IR A
1 2 3 4 5 6 8 10
LR mH
40 18 9,5 5,5 3,5 2,4 1,4 1,0
Rtyp
3,2 1,2 0,70 0,41 0,28 0,185 0,100 0,065
Ordering code B82617-F2102-M1 B82617-F2202-M1 B82617-F2302-M1 B82617-F2402-M1 B82617-F2502-M1 B82617-F2602-M1 B82617-F2802-M1 B82617-F2103-M1
322 04/00
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
Harmonic double choke Dimensional drawing
Bottom view
B82625
General technical data Inductance tolerance Rated current IR DC resistance Rtyp Climatic category Weight For further technical data see page 315 20 % Referred to 50 Hz and + 40 C ambient temperature Typical value, measured at + 20 C ambient temperature In accordance with IEC 60068-1 40/125/56 (- 40 C/+ 125 C/56 days damp heat test) Approx. 120 g
Characteristics and ordering codes
IR A
1 2 3 4 5 6
LR mH
5 1,2 0,7 0,4 0,25 0,18
Rtyp
1,40 0,45 0,20 0,11 0,075 0,050
Ordering code B82625-B2102-M1 B82625-B2202-M1 B82625-B2302-M1 B82625-B2402-M1 B82625-B2502-M1 B82625-B2602-M1
323 04/00
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
Harmonic double choke Dimensional drawing
B82627
tinned
General technical data Inductance tolerance Rated current IR DC resistance Rtyp Climatic category Weight For further technical data see page 315 20 % Referred to 50 Hz and + 40 C ambient temperature Typical value, measured at + 20 C ambient temperature In accordance with IEC 60068-1 40/125/56 (- 40 C/+ 125 C/56 days damp heat test) Approx. 380 g
Characteristics and ordering codes
IR A 1 2 3 4 5 6 8 10
LR mH 10,0 4,5 2,5 1,5 0,9 0,6 0,35 0,25
Rtyp 2,0 0,65 0,38 0,20 0,14 0,09 0,05 0,035
324 04/00
Ordering code B82627-F2102-M1 B82627-F2202-M1 B82627-F2302-M1 B82627-F2402-M1 B82627-F2502-M1 B82627-F2602-M1 B82627-F2802-M1 B82627-F2103-M1
Jump to succeding page
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
Impedance |Z | versus frequency f B82615B82617-
B82615 ... B82627
B8262510 5
SSB1534-1
B8262710 6 |Z |
SSB1543-Z
|Z | 10 4
10 5
10 4
10 3 -B2102-M1 -B2202-M1 -B2302-M1 -B2402-M1 -B2502-M1 -B2602-M1 10 2 10 3 kHz 10 4
10 3 -F2102-M1 -F2202-M1 -F2302-M1 -F2402-M1 -F2502-M1 -F2602-M1 -F2802-M1 -F2103-M1 10 1 10 2 kHz 10 3 f
10
2
10 2
10 1 1 10
10 1 0 10
f
325 04/00


▲Up To Search▲   

 
Price & Availability of B82625-B2602-M1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X